PART |
Description |
Maker |
T-795 |
Line Matching Transformer 600 Ohm to 600 Ohm
|
Rhombus Industries Inc.
|
STB11NM60-1 STB11NM60T4 |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
STMICROELECTRONICS
|
IRFF310 FN1888 |
1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET From old datasheet system 1.35A 400V 3.600 Ohm N-Channel Power MOSFET 1.35A/ 400V/ 3.600 Ohm/ N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
STD1HN60K3 STU1HN60K3 |
N-channel 600 V, 6.4 Ohm typ., 1.2 A, SuperMESH3(TM) Power MOSFET in DPAK package N-channel 600 V, 6.4 Ohm typ., 1.2 A, SuperMESH3(TM) Power MOSFET in IPAK package
|
ST Microelectronics
|
RFP8N20L FN1514 |
From old datasheet system 8A/ 200V/ 0.600 Ohm/ Logic Level/ N-Channel Power MOSFET 8A, 200V, 0.600 Ohm, Logic Level, N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
STP9N60M2 STD9N60M2 |
Extremely low gate charge N-channel 600 V, 0.72 Ohm typ., 5.5 A MDmesh II Plus(TM) low Qg Power MOSFET in DPAK package N-channel 600 V, 0.72 Ohm typ., 5.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220 package
|
STMicroelectronics ST Microelectronics
|
BSP125E6433 |
0.12 A, 600 V, 45 ohm, N-CHANNEL, Si, POWER, MOSFET
|
SIEMENS A G
|
SDF4N60JAAEHSN SDF4N60JAAEGU1N |
4 A, 600 V, 2.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
SOLITRON DEVICES INC
|
2SK1118 |
6 A, 600 V, 1.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220IS
|
|
STD6NM60N-1 |
4.6 A, 600 V, 0.92 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
STMICROELECTRONICS
|
|